Part Number Hot Search : 
45984 59120 IDT72230 11021 R5F21 KTC601U H25N12 FP10100A
Product Description
Full Text Search
 

To Download NA-510-R8GI-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features na510 1u rackmount network appliance platform with lga1156 socket intel? core? processor and 8 lans lga1156 socket type of processor as intel? i5-660/ i3-540/ g6960, i7-860/ i5-750 supports eight 10/100/1000mbps ethernet ports (intel? 82574l/82578dm) supports unbuffer and non-ecc ddr3 memory up to 8gb supports two 2.5" sata hdd or one 3.5" sata hdd for data or proxy supports bios redirected to com port suitable for vpn, firewall and other network security applications ordering information packing list dimensions specifications rear view front view system cpu lga1156 socket for intel? i5-660/ i3-540/ g6960, i7-860/ i5-750 processors chipset intel? q57 memory 2 x ddr3-800/1066/1333 dimm max. up to 8 gb (unbuffered non-ecc) bios award 64 mbit pnp flash bios with function of bios redirected to com port storage 2 x 2.5" sata hdd / 1 x compact flash? type-ii, 1 x 3.5 sata hdd/ dom sata2 type (optional) network interface 8 x 10/100/1000mbps ethernet (intel ? 82574l, intel ? 82578dm) i/o interface 1 x console (rj type), 2 x usb connector, 8 x rj-45 connector for lan watchdog timer 255 stepping for porting usb 2 x usb 2.0 port on front side, rest are internal pin headers expansion slot 1 x 32bit/33mhz minipci/1 x pcie x8 slot other features lan bypass function through wdt and gpio pin control (2 groups) power supply 270w atx power management capability intel? amt (active management technology) 6.0 for remote control and diagnosis os compatibility linux red hat 2.4 and 2.6, freebsd mechanical/ environmental form factor 1u rackmount led power, hdd, link/act with transfer rate (rj-45) operating temp. 0 ~ +45c (32f ~ 113f) storage temp. -20c ~ +70c (-4f ~ +158f) humidity 10% ~ 95% rh, non-condensing chassis material steel dimensions 44 mm (1.73") (h) x 430 mm (16.93") (w) x 394.4 mm (15.52") (d) weight (net/gross) 8.2 kg (17.64 lb)/9.8 kg (21.61 lb) certification fcc class a/ce class a standard NA-510-R8GI-RC (p/n: e26e510100) 1u high performance network appliance with lga1156 socket for intel? clarkdale i5-660/i3-540/ g6960, lynnfield i7-860/ i5-750 and 8 x 10/100/1000mbps optional ck9a104 cable kit (p/n: 8816e320010e) ax92101 vga minipci module 59416112100e cable db9 (m) - rj-45, l: 1.5m straight cable * specifications and certifications are based on options and may vary. ** recommend ordering optional cable kit with first order. 1 x power cord 1 x sata cable 1 x utility cd (user's manual and driver) 1 x rj-45 to db9 (f) 1.8m console cable (rc) cross cable introduction the na510 is a 1u rackmountable network hardware platform with featuring high performance and high density for vpn, firewall and other network security applications. it supports lga1156 socket for intel? i5-660/ i3-540/ g6960, i7-860/ i5-750 up to 8 gb un-buffer non-ecc ddr3-800/1066/1333 dimm memory. for storing event log data, the na510 utilizes two 2.5" sata hdd or one 3.5" sata hdd; limited support of sata dom as an option. it also supports two groups of lan bypass through wdt and gpio pin definition without any downtime. amt * all specifications and photos are subject to change without notice. axiomtek.com ? 2015 axiomtek co., ltd. all rights reserved. overview accessories smb series soho series 2


▲Up To Search▲   

 
Price & Availability of NA-510-R8GI-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X